PART |
Description |
Maker |
2N6071A 2N6075B 2N6071 2N6071B 2N6073 2N6073A 2N60 |
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
T405Q-600 |
Sensitive 4Q 4A TRIAC
|
STMicroelectronics ST Microelectronics
|
KTK1A80 |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139X-500E BT139X-600E BT139X-800E |
Triacs sensitive gate(双向可控硅敏感门) 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP Semiconductors N.V. Philips Semiconductors
|
2N6073AG |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-225
|
ON Semiconductor
|
MAC97A6 MAC97-6 MAC97A4 |
Sensitive Gate Triacs Silicon Bidirectional Thyristors Thyristor TRIAC 600V 8A 3-Pin TO-92 Tape and Ammo
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semiconductors New Jersey Semi-Conductor P...
|
UN1215 UNR1215 UN1211 UNR1211 UN1213 UNR1213 UN121 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SC-71 Sensitive 4Q 4A TRIAC Dual binary counter Octal D type flip flop Transistors with built-in Resistor
|
Matsshita / Panasonic
|
T2302B T2300 T2301 |
(T2300 - T2302) 2.5-A sensitive-gate silicon triac. Max 10 mA gate
|
GE Solid State
|